PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
MPS2925 2N2925 PN2905 2N2905 |
PNP SILICON PLANAR EPITAXIAL TRANSISTORS PNP SILICON TRANSITOR PNP SILICON TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
2SB1255 |
Silicon PNP Power Transistors Silicon PNP Darlington Power Transistors
|
Savantic, Inc.
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2N3720 |
PNP Transistor Silicon PNP Power Transistors
|
Microsemi Corporation
|
BC638ZL1 BC636-16ZL1 BC640 BC640ZL1 BC636 BC636-16 |
Transistor Silicon Plastic PNP High Current Transistors PNP Silicon High Current Transistors(PNP Silicon) High Current Transistors 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
2SA959 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJE15029 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
MJE15031 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|
2SB531 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|